PART |
Description |
Maker |
2SA1776 2SA1727 2SA1812 A5800343 2SA18121 |
High-voltage Switching Transistor (Telephone power supply) High-voltage Switching Transistor (Telephone power supply) (-400V/ -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V, -0.5A) High-voltage Switching Transistor (Telephone power supply) (-400V -0.5A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) High-voltage Switching Transistor ( 400V, 0.5A)
|
ROHM[Rohm]
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
C10940-03 |
HIGH VOLTAGE POWER SUPPLY
|
Hamamatsu Corporation
|
ISL43410IU-T ISL43410IRZ ISL43410IUZ-T ISL43410IR- |
Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High Performance Analog Switch 2-CHANNEL, DBL POLE DBL THROW SWITCH, PDSO10
|
Intersil Corporation Intersil, Corp.
|
CAT1232LPGW CAT1232LPGZ CAT1232LPGZ-T13 CAT1232LPS |
1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 5V and 3.3V Supply Voltage Monitor and Reset Circuit 5V3.3V电源电压监控和复位电 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 0.150 INCH, SOIC-8 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 GREEN, MSOP-8 Miniature, 1W Isolated Regulated DC/DC Converters 12-SOP
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
MAX5003CSET |
High-Voltage PWM Power-Supply Controller
|
MAXIM - Dallas Semiconductor
|
C4710-52 C4710 C4710-01 C4710-02 C4710-50 C4710-51 |
HIGH VOLTAGE POWER SUPPLY UNIT 高压电源装置
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
X20C16J-45 X20C16J-55 X20C16SI-45 X20C16SI-55 X20C |
High Speed AUTOSTORE?NOVRAM High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE??NOVRAM IC SYNC BUCK CONTROLLER 16-MLPQ 高速自动存储⑩NOVRAM Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:2.75V; Input Voltage Primary Max:5.5V; Duty Cycle Max:100% 高速自动存储⑩NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Supply Voltage Min:4.4V; Switching Frequency Max:600kHz; Package/Case:8-SOIC Power Supply IC; Power Supply Type:PWM Controller; Supply Voltage Max:5.5V; Package/Case:32-MLP; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-40 C; Output Voltage Max:1.5V; Output Voltage Min:0.3V RoHS Compliant: Yes ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
|
http:// ITT, Corp. Semtech, Corp. Stanford Microdevices Electronic Theatre Controls, Inc. Xicor Inc.
|
IRDC3055 |
The IRU3055 is a 3-phase synchronous Buck controller which provides high performance DC to DC converter for high current and low voltage applications, such as power supply for Intel or AMD processors.
|
International Rectifier
|
2SC5147 2SC4849 |
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V/ 7A) HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
|
ROHM[Rohm]
|
C6271 |
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH TRANSIMPEDANCE AMPLIFIER
|
HAMAMATSU[Hamamatsu Corporation]
|